PART |
Description |
Maker |
XCV400-4BG432C XCV400-4BG432I XCV400-4BG560C XCV40 |
Field Programmable Gate Arrays FPGA, 3456 CLBS, 661111 GATES, 294 MHz, PBGA432 Field Programmable Gate Arrays FPGA, 3456 CLBS, 661111 GATES, 333 MHz, PBGA432 Field Programmable Gate Arrays FPGA, 2400 CLBS, 468252 GATES, 250 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 3456 CLBS, 661111 GATES, 294 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 384 CLBS, 57906 GATES, 250 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 1536 CLBS, 322970 GATES, 294 MHz, PBGA456 Field Programmable Gate Arrays FPGA, 1536 CLBS, 322970 GATES, PBGA256 Field Programmable Gate Arrays FPGA, 4704 CLBS, 888439 GATES, 250 MHz, PBGA560 Field Programmable Gate Arrays FPGA, 4704 CLBS, 888439 GATES, 250 MHz, PBGA432 Field Programmable Gate Arrays FPGA, 384 CLBS, 57906 GATES, 333 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 3456 CLBS, 661111 GATES, 294 MHz, PBGA676 Field Programmable Gate Arrays FPGA, 1176 CLBS, 236666 GATES, 250 MHz, PBGA456 Field Programmable Gate Arrays FPGA, 4704 CLBS, 888439 GATES, 250 MHz, PBGA676 Field Programmable Gate Arrays FPGA, 384 CLBS, 57906 GATES, 333 MHz, PQFP144 Field Programmable Gate Arrays FPGA, 600 CLBS, 108904 GATES, 250 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 1176 CLBS, 236666 GATES, 333 MHz, PBGA256 Field Programmable Gate Arrays FPGA, 4704 CLBS, 888439 GATES, 294 MHz, PBGA560 Field Programmable Gate Arrays FPGA, 600 CLBS, 108904 GATES, 250 MHz, PBGA144 Mat Snap; Pack Quantity:10; Features:Prong clinch snaps; no special tools needed FPGA, 1536 CLBS, 322970 GATES, 294 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 1536 CLBS, 322970 GATES, 250 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 1536 CLBS, 322970 GATES, 294 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 384 CLBS, 57906 GATES, 294 MHz, PBGA256 Field Programmable Gate Arrays FPGA, 864 CLBS, 164674 GATES, 294 MHz, PBGA256 Field Programmable Gate Arrays FPGA, 600 CLBS, 108904 GATES, 250 MHz, PBGA256 FIELD SERVICE KIT; RoHS Compliant: NA FPGA, 1536 CLBS, 322970 GATES, 294 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 384 CLBS, 57906 GATES, 294 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 1176 CLBS, 236666 GATES, 294 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 864 CLBS, 164674 GATES, 294 MHz, PQFP240 Field Programmable Gate Arrays FPGA, 600 CLBS, 108904 GATES, 294 MHz, PQFP240 Fork Tongue Solderless Terminal; Wire Size (AWG):16-14; Stud Size:#8; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No FPGA, 1536 CLBS, 322970 GATES, PQFP144 PREFORM SEALNT STRIP 5M Fork Tongue Solderless Terminal; Wire Size (AWG):12-10; Stud Size:#10; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Shrink Tubing; Material:Polyolefin RoHS Compliant: Yes IC REG LDO 1A 7V TO220FP FieldProgrammableGateArray(FPGA)
Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA 66-MHz PCI Compliant
|
http:// XILINX INC Xilinx, Inc. XILINX[Xilinx, Inc]
|
OR2C06A OR2C04A OR2T15A |
Field-Programmable Gate Ayyays Field-Programmable Gate Arrays
|
Lattice Semiconductor
|
OR3C80 |
(OR3xxx) 3C and 3T Field-Programmable Gate Arrays
|
Lattice Semiconductor
|
ATT3030-50H68I ATT3030-50S44I ATT3030-50S68I ATT30 |
Field-Programmable Gate Arrays 现场可编程门阵列
|
Electronic Theatre Controls, Inc. Rubycon, Corp.
|
OR3T55 OR3T20 OR3T30 |
Field-Programmable Gate Arrays(现场可编程门阵列)
|
Lineage Power
|
TPC1010AFN-044 TPC1010AFN-084 |
CMOS FIELD-PROGRAMMABLE GATE ARRAYS
|
http://
|
AT6003-2QI AT6000 T6000 AT6002 AT6002-2AC AT6002-2 |
Coprocessor Field Programmable Gate Arrays
|
ATMEL[ATMEL Corporation]
|
XC3030A-7PC44C XC3064L-8PC84C XC3064L-8PC84I XC306 |
Field Programmable Gate Arrays (XC3000A/L, XC3100A/L)
|
Xilinx, Inc
|
OR2C06A OR2C10A-2M84 OR2T08A OR2T40A OR2C12A OR2T2 |
From old datasheet system Field-Programmable Gate Arrays
|
LATTICE[Lattice Semiconductor]
|
XC4013E-1CB240M XC4013E-1HG240C XC4013E-1HG240I XC |
XC4000E and XC4000X Series Field Programmable Gate Arrays
|
XILINX[Xilinx, Inc]
|
XC4000X XC4000E DS006 |
Series Field Programmable Gate Arrays From old datasheet system
|
Xilinx
|
XC4000E XC4002XL XC4003E XC4005E XC4005XL XC4006E |
Logic Cell Array Family Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes MB 41C 27#20 14#16 PIN PLUG Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes FAN 220AC BISCUIT BT3A1 W/O FG RES, POT 2K 10% .5W 25T CE T.A Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Zero Cross; Load Current Min:0.04A RES POT 5K00 PT 25T TA CE 3/8 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000E和XC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP240 High Insulation Power Relay (Sealed 1 Form C 1-Coil Latch) FPGA, 324 CLBS, 6000 GATES, 111 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP176 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 111 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP208 Labels; External Height:0.5"; External Width:0.5"; Label Material:Nylon-Cloth FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 238 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 217 MHz, PBGA256 RESISTOR-VARIABLE,LINEAR 50K,20 TURN,3/8 XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 20K,20 TURN XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 100K,20 TURN FPGA, 576 CLBS, 10000 GATES, 217 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 217 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 179 MHz, PQCC84 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000EXC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 179 MHz, PQFP160 SureGrip Hook Test Clips; For Use With:Fluke TL222 and TL224 Test Leads; Color:One Red, One Black RoHS Compliant: NA
|
Xilinx, Inc. TE Connectivity, Ltd. XILINX INC
|
|